Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download IXTQ52N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved g = gate d = drain s = source tab = drain ds99115a(10/04) polarht tm power mosfet IXTQ52N30P v dss = 300 v ixtt52n30p i d25 = 52 a r ds(on) = 66 m ? ? ? ? ? advanced technical information n-channel enhancement mode features z international standard packages z unclamped inductive switching (uis) rated z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density to-268 (ixtt) g s d (tab) to-3p (ixtq) g c e (tab) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 300 v v gs(th) v ds = v gs , i d = 250 a 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 57 66 m ? pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 300 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 300 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c52a i dm t c = 25 c, pulse width limited by t jm 150 a i ar t c = 25 c52a e ar t c = 25 c30mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 150 c, r g = 4 ? p d t c = 25 c 400 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c m d mounting torque (to-3p) 1. 13/10 nm/lb.in. weight to-3p 5.5 g to-268 5.0 g
ixys reserves the right to change limits, test conditions, and dimensions. ixtq 52n30p ixtt 52n30p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 20 30 s c iss 3490 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 550 pf c rss 130 pf t d(on) 24 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 22 ns t d(off) r g = 4 ? (external) 60 ns t f 20 ns q g(on) 110 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 25 nc q gd 53 nc r thjc 0.31 k/w r thck (to-3p) 0.21 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 52 a i sm repetitive 150 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25a -di/dt = 100 a/ s v r = 100v q rm 250 3.0 ns c to-268 outline to-3p (ixtq) outline ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343
? 2004 ixys all rights reserved ixtq 52n30p ixtt 52n30p fig. 2. extended output characteristics @ 25 deg. c 0 25 50 75 100 125 150 0 5 10 15 20 25 v d s - volts i d - amperes v gs = 10v 9v 5v 6v 7v 8v fig. 3. output characteristics @ 125 deg. c 0 5 10 15 20 25 30 35 40 45 50 55 012345678910 v d s - volts i d - amperes v gs = 10v 8v 7v 5v 6v fig. 1. output characteristics @ 25 deg. c 0 5 10 15 20 25 30 35 40 45 50 55 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 v d s - volts i d - amperes v gs = 10v 8v 5v 6v 7v fig. 4. r ds(on) norm alized to i d25 v alue vs. junction temperature 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s (on) - normalize d i d = 52a i d = 26a v gs = 10v fig. 6. drain current vs. case temperature 0 5 10 15 20 25 30 35 40 45 50 55 -50 -25 0 25 50 75 100 125 150 t c - de g rees centi g rade i d - amperes fig. 5. r ds(on) norm alized to i d25 value vs. i d 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 0 25 50 75 100 125 150 i d - amperes r d s (on) - normalize d t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixtq 52n30p ixtt 52n30p fig. 11. capacitance 100 1000 10000 0 5 10 15 20 25 30 35 40 v d s - volts capacitance - pf c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 q g - nanocoulombs v g s - volts v ds = 150v i d = 26a i g = 10ma fig. 7. input adm ittance 0 10 20 30 40 50 60 70 80 90 100 44.5 55.5 66.5 77.5 8 v g s - volts i d - amperes t j = 125oc 25oc -40oc fig. 8. transconductance 0 10 20 30 40 50 60 0 10 2030 405060 7080 90100 i d - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to-drain voltage 0 25 50 75 100 125 150 0.4 0.6 0.8 1 1.2 1.4 v s d - volts i s - amperes t j = 125oc t j = 25oc fig. 12. for w ar d-bias safe operating area 1 10 100 1000 10 100 1000 v d s - volts i d - amperes 25s 1ms dc t c = 25oc r ds (on) limit 10ms
? 2004 ixys all rights reserved ixtq 52n30p ixtt 52n30p fig. 13. maximum transient thermal resistance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w)


▲Up To Search▲   

 
Price & Availability of IXTQ52N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X